Part Number Hot Search : 
KSS221 SBL1060 29LV033 MBRF10 BAS56 90K65P LLB33550 KSR2012
Product Description
Full Text Search
 

To Download 8ETU04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20751 rev. A 11/01
8ETU04 8ETU04S 8ETU04-1
Ultrafast Rectifier
Features
* * * * Ultrafast Recovery Time Low Forward Voltage Drop Low Leakage Current 175C Operating Junction Temperature
trr = 60ns IF(AV) = 8Amp VR = 400V
Description/ Applications International Rectifier's FRED.. series are the state of the art Ultra fast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultra fast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as free-wheeling diode in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
www..com
Absolute Maximum Ratings Parameters
VRRM IF(AV) IFSM IFRM TJ, TSTG Peak Repetitive Peak Reverse Voltage Average Rectified Forward Current, TC = 155C Non Repetitive Peak Surge Current, TC = 25C Peak Repetitive Forward Current Operating Junction and Storage Temperatures
Max
400 8 100 16 - 65 to 175
Units
V A
C
Case Styles
8ETU04
8ETU04S
8ETU04-1
Base Cathode
2
Base Cathode
2
2
1
3
1
3
1
3
Cathode
Anode
N/C
Anode
N/C
Anode
TO-220AC www.irf.com
D2PAK
TO-262 1
8ETU04, 8ETU04S, 8ETU04-1
Bulletin PD-20751 rev. A 11/01
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
400 1.19 0.94 0.2 20 14 8.0 1.3 1.0 10 500 V V V A A pF nH IR = 100A IF = 8A IF = 8A, TJ = 150C VR = VR Rated TJ = 150C, VR = VR Rated VR = 400V Measured lead to lead 5mm from package body
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
35 43 67 60 ns IF = 1.0A, diF/dt = 50A/A, VR = 30V TJ = 25C TJ = 125C nC A TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 8A VR = 200V diF /dt = 200A/s
IRRM
Peak Recovery Current
-
2.8 6.3 60 210
Qrr
Reverse Recovery Charge
-
Thermal - Mechanical Characteristics
Parameters
RthJC RthJA RthCS Wt
! "
Min
-
Typ
1.8 0.5 2.0 0.07 -
Max
2 50 12 10
Units
C/W
Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heatsink Weight
g (oz) Kg-cm lbf.in
Mounting Torque
6.0 5.0
! Typical Socket Mount "#Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
8ETU04, 8ETU04S, 8ETU04-1
Bulletin PD-20751 rev. A 11/01
100
1000 100
Reverse Current - I R (A)
Tj = 175C Tj = 150C Tj = 125C
10 1
Tj = 100C
0.1 0.01 0.001 .0001 0 100
Tj = 25C
Instantaneous Forward Current - I F (A)
10
T J = 175C T = 150C
J J
200
300
400
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
T = 25C
1000
Junction Capacitance - C T (pF)
T = 25C
J
1
100
0.1 0 0.5 1 1.5 2 2.5
Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics
10 0 100 200 300 400
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
(C/W)
thJC
Thermal Impedance Z
1
0.1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
Notes:
PDM
t1 t2
1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC+ Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
www.irf.com
3
8ETU04, 8ETU04S, 8ETU04-1
Bulletin PD-20751 rev. A 11/01
180
Allowable Case Temperature (C) Average Power Loss ( Watts )
14 12 10 8 6 4 2 0
0 2 4 6 8 10 12
D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5 DC
RMS Limit
170
DC
160 150
Square wave (D = 0.50)
140 Rated Vr applied
see note (3)
130
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
0
2
4
6
8
10
12
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics
90 80 70
trr ( ns )
500 450
If = 16A If = 8A
Vr = 200V Tj = 125C Tj = 25C
400 350
Qrr ( nC )
If = 16A If = 8A
60 50 40 30 20 100
Vr = 200V Tj = 125C Tj = 25C
300 250 200 150 100 50
di F /dt (A/s )
1000
0 100
di F /dt (A/s )
1000
Fig. 7 - Typical Reverse Recovery vs. di F /dt
Fig. 8 - Typical Stored Charge vs. di F /dt
(3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
4
www.irf.com
8ETU04, 8ETU04S, 8ETU04-1
Bulletin PD-20751 rev. A 11/01
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T.
di F /dt dif/dt ADJUST
D G IRFP250 S
Fig. 9- Reverse Recovery Parameter Test Circuit
3
IF 0
t rr ta tb
4
2
Q rr I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
/dt di fF/dt
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
Fig. 10 - Reverse Recovery Waveform and Definitions
www.irf.com
5
8ETU04, 8ETU04S, 8ETU04-1
Bulletin PD-20751 rev. A 11/01
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 1 14.09 (0.55) 13.47 (0.53) 3 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03)
1
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2 1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
0.10 (0.004)
Base Cathode
2
2.89 (0.11) 2.64 (0.10)
3
1 4.57 (0.18) 4.32 (0.17)
3
0.61 (0.02) MAX.
Cathode
Anode
5.08 (0.20) REF.
Conforms to JEDEC Outline TO-220AC Dimensions in millimeters and (inches)
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED F OOTPRINT
11.43 (0.45)
Base Cathode
2
1
3
4.57 (0.18)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70)
1
3.81 (0.15)
2.08 (0.08) 2X
3
N/C
Anode
2.54 (0.10) 2X
Conforms to JEDEC Outline D2PAK Dimensions in millimeters and (inches)
6
www.irf.com
8ETU04, 8ETU04S, 8ETU04-1
Bulletin PD-20751 rev. A 11/01
Outline Table
2
1
3
N/C
Anode
N/C
Conforms to JEDEC Outline TO-262 Dimensions in millimeters and (inches)
Ordering Information Table
Device Code
8
1
E
2
T
3
U
4
04
5
-1
6
1 2 3 4 5 6
-
Current Rating Single Diode TO-220/ D2Pak Ultrafast Recovery Voltage Rating Suffix for SMD type
(8 = 8A)
(04 = 400V) -1: TO-262 Option S: TO-220 SMD (D2Pak)
www.irf.com
7
8ETU04, 8ETU04S, 8ETU04-1
Bulletin PD-20751 rev. A 11/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 11/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 8ETU04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X